PART |
Description |
Maker |
M80-4C12005F1-02-327-02-327 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 20 x Small bore signal contacts, 4 x 16 AWG Power contacts
|
HARWIN INC
|
M80-4T100F1-66-321 |
Datamate 2-Row Mix-Tek Female Vertical PC Tail Connector, Hexagonal jackscrews, no signal contacts, 12 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-4D10405F1-00-000-01-307 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Large bore signal contacts, 1 x 2.7mm Crimp Coax contact 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-336 M80-337 |
DATAMATE MIX-TEK POWER CONTACT MALE STRAIGHT SOLDER
|
Harwin Plc
|
M80-5L10542MD |
DATAMATE MIX-TEK DIL HORIZ 3mm PC-TAIL MALE ASSY
|
Harwin Plc
|
M80-5T10422M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5L12042M5-02-313-01-313 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 20 x 3mm PC Tail signal contacts, 3 x 3mm PC Tail Coax contact
|
HARWIN INC
|
M83-LFD100N27-0000-000 M83-LFD1F2N54-0000-000 |
27 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Datamate J-Tek 3-Row Female Large Bore Crimp Connector, gold, Hex Socket jackscrews, 3 x 18-way (54)
|
HARWIN INC
|
M80-5T1060500-06-331-02-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No jackscrews, 6 x 3mm PC Tail signal contacts, 6 x 3.5mm PC Tail Power contacts and 2 x 3mm PC Tail Coax contacts
|
HARWIN INC
|
M80-4012601 M80-4013405 |
Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip tin/lead shell, with jackscrews, 13 13-way 26 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Female Vertical 4.5mm PC Tail Connector, gold clip gold shell, with jackscrews, 17 17-way
|
Harwin PLC HARWIN INC
|